|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
cosmo reed relay G1A092000 features outside dimension unit ( mm ) 1. molded epoxy body. 19.50 7.0 2.54 20.32 7.00 G1A092000 kuan hsi xxx date code 2.54 0 . 4 3 . 5 2. sealed construction permits automatic flow soldering and cleaning. 3. high reliability relay. 4. cost effective. schematic : top view (-) 3 (+) 2 1 5 coil ratings (at 20 ) parameter rating unit coil resistance 700 ? (10%) nominal coil voltage 9 vdc maximum continuous voltage 15 vdc must operate 6.3 vdc must release 0.9 vdc rated current 12.9 ma electrical characteristics parameter rating unit contact resistance 100 m ? (max) operate time 0.5 ms(max) bounce time 0.5 ms(max) release time 0.2 ms(max) insulation resistance (100vdc) 10 11 ? (min) power 10 va(max) switching voltage 200 vdc(max) switching current 0.5 a(max) carry current 1.0 a(max) breakdown voltage (across o pen contact) 250 vdc(min) (between coil & contact) 1500 vdc(max) life expectancy (signal level) 10 8 operate temp -40~85 storage temp -50~125 resonant frequency 3.5 khz vibration (10~200hz) 20 g(max) minimum permissible load 100 mvdc 10ua c 2005-2006 cosmo electronics corporation http://www.cosmo-ic.com
|
Price & Availability of G1A092000 |